PART |
Description |
Maker |
TSMBG1005C TSMBG1006C TSMBG1007C TSMBG1009C TSMBG1 |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|100V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|110V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|145V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|185V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|200V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|210V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|215V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|250V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|265V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|300V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|350V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|440V V(BO) MAX|DO-215AA 单双向击穿二极管| 440V五(公报)最大|的DO - 215AA
|
ITT, Corp.
|
ULC0404FC12C-T75-1 ULC0404FC24C-T75-1 ULC0404FC05C |
200 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
PROTEK DEVICES
|
ULC0404FC12C |
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY 200 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
MAC08BT105 MAC08BT1G MAC08MT1G MAC08MT1 MAC08BT1 |
Silicon Bidirectional Thyristor(0.8A锛?00V涓????????纭???哥?) Sensitive Gate Triacs Silicon Bidirectional Thyristors Silicon Bidirectional Thyristor(0.8A00V三端双向可控硅晶闸管) 200 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ONSEMI[ON Semiconductor]
|
TSMBG0510C TSMBG0506C TSMBJ0527C TSMBJ0509C TSMBJ0 |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|200V V(BO) MAX|DO-214AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|110V V(BO) MAX|DO-214AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|440V V(BO) MAX|DO-215AA 单双向击穿二极管| 440V五(公报)最大|的DO - 215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|185V V(BO) MAX|DO-215AA 单双向击穿二极管| 185V五(公报)最大|的DO - 215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|250V V(BO) MAX|DO-215AA 单双向击穿二极管| 250V五(公报)最大|的DO - 215AA
|
Micro Commercial Components, Corp.
|
SDA4AK SDA2AK |
Bidirectional Clamping Diode Bidirektionale Begrenzer-Diode Surface mount bidirectional Clamping Diodes
|
Diotec Elektronische DIOTEC[Diotec Semiconductor]
|
JANTXV1N6126A JANSSP6130 |
BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
41206ESDA-TR1 41206ESDA-SP1 |
SUPPRESSOR ESD 12VDC 4/1206 SMD BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE ROHS COMPLIANT PACKAGE-8
|
Cooper Bussmann, Inc.
|
TGL41-27CA TGL41-56A TGL41-82C TGL41-9.1A TGL41-9. |
TRANSIENT SUPPRESSOR DIODE,SINGLE,BIDIRECTIONAL,23.1V V(RWM),DO-213AB 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB
|
SEMIKRON INTERNATIONAL
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
SMBG17CA MASMBG17CAE3 MQSMBG17C MQSMBG17CA MASMBG1 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PLASTIC PACKAGE-2 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA ROHS COMPLIANT, PLASTIC PACKAGE-2 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
|